PART |
Description |
Maker |
MJH1101706 MJH11022G MJH11017 MJH11018 MJH11018G M |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS
|
ONSEMI[ON Semiconductor]
|
2N2505 |
Silicon Controlled Rectifier; Package: TO-93; IT (Av) (A): 150; VTM (V): 1.7; VGT (V): 3; IGT (µA): 150; Vrrm (V): 200; 235.5 A, SCR, TO-93
|
Microsemi, Corp.
|
BYW99PI-150 BYW99W-150 BYW99P-150 |
15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOLATED TOP3I, 3 PIN 15 A, 150 V, SILICON, RECTIFIER DIODE, TO-247 PLASTIC PACKAGE-3 15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC PACKAGE-3
|
ST Microelectronics
|
MJH11019G MJH11018G |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 200 V, PNP, Si, POWER TRANSISTOR, TO-218 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 150 V, NPN, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|
TGL34-6 TGL34-200 TGL34-82A TGL34-9.1CA |
150 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA Unidirectional and bidirectional Transient Voltage Suppressor diodes 150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AA
|
Semikron International
|
SD275SA45B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 120 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
T6300415 T6300420 T6200915 T6200920 T6200930 T6300 |
TV 42C 36#22D 6#8(TWINAX) SKT 第一阶段控制晶闸管(150-300安培100-1600伏特 Phase Control SCR (150-300 Amperes 100-1600 Volts) 第一阶段控制晶闸管(150-300安培100-1600伏特
|
Micropac Industries, Inc. Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
BYQ28E-150-E3/45 BYQ28EB-150HE3/45 BYQ28EB-150-HE3 |
5 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB ROHS COMPLIANT, PLASTIC PACKAGE-3 5 A, 150 V, SILICON, RECTIFIER DIODE, TO-263AB ROHS COMPLIANT, PLASTIC PACKAGE-3 5 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
BYP54-800 BYP53 BYP53-100 BYP53-150 BYP53-200 BYP5 |
25A Silicon Power Rectifier Diode 25 A, 800 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 500 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 75 V, SILICON, RECTIFIER DIODE 25A Silicon Power Rectifier Diode 25 A, 150 V, SILICON, RECTIFIER DIODE 25 A, 75 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 700 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 200 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 25 A, 400 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN
|
ZETEX PLC Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes, Inc.
|
BYV72-150 |
30 A, 150 V, SILICON, RECTIFIER DIODE
|
NXP SEMICONDUCTORS
|
BYP20-150 |
5 A, 150 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V.
|
|